Part Number Hot Search : 
CD2560 PLHS501A R7NZF SC11487 DT54F 2SC40 16244 06BKC
Product Description
Full Text Search
 

To Download ASI10707 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VFT300-28
VHF POWER MOSFET
Silicon N-Channel Enhancement Mode
DESCRIPTION:
The VFT300-28 is Designed for Wideband High Power VHF Amplifier Applications operating up to 250 MHz.
PACKAGE STYLE .400 BAL FLG (D)
A .080x45 B FULL R
FEATURES:
* PG = 14 dB Typical at 175 MHz * D = 55% Typ. at POUT = 300 Watts * OmnigoldTM Metalization System
E .1925 D C
D
D
(4X).060 R
M
G
H I
F G N
G
Sources are connected to flange
L J K
MAXIMUM RATINGS
ID V(BR)DSS VDGR VGS PDISS TJ T STG JC
O
16 A 65 V 65 V 40 V 300 W @ TC = 25 C -65 C to +200 C -65 OC to +150 OC 0.6 OC/W
TC = 25 OC
O O
DIM A B C D E F G H I J K L M N
MINIMUM
inches / mm
MAXIMUM
inches / mm
.220 / 5.59 .210 / 5.33 .125 / 3.18 .380 / 9.65 .580 / 14.73 .435 / 11.05 1.090 / 27.69 1.335 / 33.91 .003 / 0.08 .060 / 1.52 .100 / 2.54 .395 / 10.03 .850 / 21.59
.230 / 5.84
.390 / 9.91 .620 / 15.75
1.105 / 28.07 1.345 / 34.16 .007 / 0.18 .070 / 1.78 .115 / 2.92 .230 / 5.84 .407 / 10.34 .870 / 22.10
ORDER CODE: ASI10707
MINIMUM TYPICAL MAXIMUM
65 5.0 1.0 1.0 5.0 1.5 3500 375 188 26 12 50 14 55
CHARACTERISTICS
SYMBOL
V(BR)DSS IDSS IGSS VGS VDS GFS Ciss Coss Crss GPS D VGS = 0 V VDS = 28 V VDS = 0 V VDS = 10 V VGS = 10 V VDS = 10 V
NONETEST CONDITIONS
IDS = 100 mA VGS = 0 V VGS = 20 V ID = 100 mA ID = 10 A ID = 5 A
UNITS
V mA A V V mS
VGS = 28 V VDD = 28 V f = 175 MHz
VDS = 0 V IDQ = 2 x 250 mA
F = 1.0 MHz
pF dB %
REV. A
POUT = 300 W
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
1/1
ERROR! REFERENCE SOURCE NOT FOUND.
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1202 * TELEX: 18-2651 * FAX (818) 765-3004


▲Up To Search▲   

 
Price & Availability of ASI10707

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X